PART |
Description |
Maker |
BD6222HFP-TR |
18V Max. H-bridge Drivers
|
ROHM
|
AP1010 |
18V 2ch H-Bridge Motor Driver IC
|
Asahi Kasei Microsystem...
|
EL7513IWTZ-T7A EL7513IY EL7513IWT-T7 EL7513 EL7513 |
White LED Step-Up Regulator 0.5 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 Regulator, Step up, Constant Current Boost for 12 White LEDs, VIN =2.6/13.2V, VOUT =18V Max, 1MHz
|
Intersil, Corp. 稳压 Intersil Corporation
|
AP1530 AP153009 AP1530SG-13 |
18V 3A 300KHz BUCK CONVERTER 3 A SWITCHING REGULATOR, 360 kHz SWITCHING FREQ-MAX, PDSO8
|
Diodes Incorporated
|
AP1538SDPG-13 AP1538SG-13 AP153809 |
3 A SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 GREEN, SOP-8 18V 3A 300KHz BUCK CONVERTER
|
Diodes, Inc. Diodes Incorporated
|
HDF1205S HDF2415D HDF2412D HDF2412S HDF1215S HDF24 |
NTE Silicon General Purpose Amplifier, Type: NPN Thermal Fuse; Current Rating:15A; Opening Temperature:240 C; Fuse Terminals:Axial Lead; Voltage Rating:277V; Fuse Size/Group:3.22 "; Voltage Rating:277V RoHS Compliant: Yes 3瓦特HD系列 3 Watt HD Series 3瓦特HD系列 Waveform Generator; IC Function:Waveform Generator IC; Package/Case:14-DIP; Supply Current:15mA; Supply Voltage:36V; Supply Voltage Max:30V; Supply Voltage Min:10V; Frequency Max:200kHz Audio Power Amplifier IC; Output Power, Po:325mW; Load Impedance Min:8ohm; Supply Voltage Max:12V; Supply Voltage Min:4V; Package/Case:8-DIP; Amplifier Type:; Bias Current:250nA; Number of Amplifiers:1; Offset Voltage:50kV IC-QUAD COMPARATOR Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Bandwidth Max:4MHz; Slew Rate:13V/us; Package/Case:8-DIP; Dual Supply Voltage Max ( /- V):18V; Mounting Type:Through Hole Operational Amplifier (Op-Amp) IC; No. of Amplifiers:1; Amplifier Type:; Slew Rate:13V/us; Bandwidth Max:4MHz; Bias Current:7nA; Dual Supply Voltage Max ( V):18V; Gain:4dB; Offset Voltage:13mV; Package/Case:8-DIP RoHS Compliant: Yes IC-QUAD JFET INPUT OP AMP
|
Shindengen Electric Manufacturing Co., Ltd. Shindengen Electric Manufacturing Company, Ltd. Shindengen Electric Mfg. Co., Ltd.
|
MIC4101 |
100V Half Bridge MOSFET Drivers
|
Micrel Semiconductor
|
EG1903-ND S9346-ND BD6222 BD6222FP BD6232 |
H-Bridge Motor Drivers For DC Brush Motors
|
Rohm
|
BD62222HFP-TR |
H-bridge Drivers High current series
|
ROHM
|
HSOP25 BD6211HFP BD6211HFP-TR 6210 BD6211F BD6211F |
DC Brush Motor Drivers (7V max.) DC Brush Motor Drivers (7V max.)
|
Rohm
|
AD781 AD781AN AD781JN AD781SQ AD781SQ/883B |
ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 Complete 700 ns Sample-and-Hold Amplifier High speed, monolithic SHA with a max acquisition time for 700 ns to 0.01% over temperature.
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX5063 MAX5062 |
(MAX5062 - MAX5064) Half-Bridge MOSFET Drivers
|
Maxim Integrated Products
|